Part Number Hot Search : 
0MC11 20N50 CY7C4 CY7C4 1N4933GP SA18A MP050 A12D1
Product Description
Full Text Search
 

To Download L2SA1036KRLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mediu m powe r t ransistor (  32 v ,  0.5a) l 2sa1036 kqlt1g series  absolute maximum ratings (ta = 25  c)  device marking 1) l2sa1036kqlt1g=hq 2) l2sa1036krlt1g=hr 1 2 3 pnp s-l2sa1036kqlt1g series  features 1) large i c . i cmax. =  500ma 2) low v ce(sat) . ideal for low-voltage operation. 3 )  structure epitaxial planar type pnp silicon transistor  ordering information device package shipping l2sa1036k*lt1g 3000/tape & reel sot-23 l2sa1036k*lt3g sot-23 10000/tape & reel leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. sot? 23 1 3 2 rev.o 1/4 l2sa1036kqlt1g series 4 ) s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sa1036kqlt1g=hq s-l2sa1036krlt1g=hr
symbol min. typ. max. unit bv cbo ? 40 ? ? v bv ceo ? 32 ? ? v bv ebo ? 5 ? ? v i cbo ? ? ? 1 a i ebo ? ? ? 1 a v ce(sat) ? ? ? 0.4 v h fe 120 ? 390 ? f t ? 200 ? mh z cob ? 7 ? pf parameter collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ration v cb = ? 20v v eb = ? 4v i c /i b = ? 100ma/ ? 10ma v ce = ? 3v,ic= ? 10ma conditions i c = ? 100 a ic= ? 1ma i e = ? 100 a v ce = ? 5v,i e =20ma,f=100mhz v cb = ? 10v,i e =0a,f=1mhz transition frequence output capacitance  electrical characteristics (ta = 25  c) a hfe values are classified as follows. leshan radio company, ltd. l 2sa1036 kqlt1g series item hfe q r 120~270 180~390 rev.o 2/4 s-l 2sa1036 kqlt1g series
 electrical characteristic curves leshan radio company, ltd. rev.o 3/4 l 2sa1036 kqlt1g series s-l 2sa1036 kqlt1g series
d j k l a c b s h g v 1 2 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 n o t e s : 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. i nch es m i ll i m e t e r s d i m m i n m a x m i n m a x a 0 . 1102 0 . 1197 2 . 80 3 . 04 b 0 . 0472 0 . 0551 1 . 20 1 . 40 c 0 . 0350 0 . 0440 0 . 89 1 . 11 d 0 . 0150 0 . 0200 0 . 37 0 . 50 g 0 . 0701 0 . 0807 1 . 78 2 . 04 h 0 . 0005 0 . 0040 0 . 013 0 . 100 j 0 . 0034 0 . 0070 0 . 085 0 . 177 k 0 . 0 140 0 . 0 285 0 . 35 0 . 69 l 0 . 0 350 0 . 0 401 0 . 89 1 . 02 s 0 . 0 830 0 . 1039 2 . 10 2 .64 v 0 . 0177 0 . 0236 0 . 45 0 . 60 p i n 1 . base 2 . e m i tt e r 3 . c o ll e c t o r 0.03 1 0. 8 sot-23 3 leshan radio company, ltd. rev.o 4/4 l 2sa1036 kqlt1g series s-l 2sa1036 kqlt1g series


▲Up To Search▲   

 
Price & Availability of L2SA1036KRLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X